Part Number Hot Search : 
CY28442 R1100 TGA2505 LHC12SA3 Z86E23 TEA2130 00031 M3401
Product Description
Full Text Search
 

To Download MBR760 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
* * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MBR720 THRU MBR760
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
Features
Metal of siliconrectifier, majonty carrier conducton Guard ring for transient protection Low power loss high efficiency High surge capacity, High current capability
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +175C Microsemi Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V Maximum RMS Voltage Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V
TO-220AC
B C K L M D A
PIN 1 2
MBR720 MBR730 MBR735 MBR740 MBR745 MBR760
MBR720 MBR730 MBR735 MBR740 MBR745 MBR760
14V 21V 24.5V 28V 31.5V 42V
E
F G I H J N
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element MBR720-745 MBR760 Maximum DC Reverse Current At Rated DC Blocking Voltage MBR720-745 MBR760 MBR720-745 MBR760 Typical Junction Capacitance IF(AV) 7.5A TC = 125C
PIN 1 PIN 2
CASE
IFSM
150A
8.3ms, half sine
VF .84V .75V IFM = 15 A mper IFM = 7.5 A mper TA = 25C*
A B C D E F G H I J K L M N
MM 14.22 9.65 2.54 5.84 9.65 -----12.70 4.83 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 5.33 1.14 0.64 4.09 4.83 1.40 2.92
IR
0.1mA 0.5mA 15mA 50mA
400pF
TJ = 25C TJ = 125C
Measured at 1.0MHz, VR=4.0V
INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 -----.250 .500 .580 .190 .210 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115
CJ
*Pulse test: Pulse width 300 sec, Duty cycle 2%
www.mccsemi.com
MBR720 thru MBR760
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .3 .4 .5 .6 .8 1.0 10 6 4 2 1 .6 .4 .2 TJ=25C Amps .1 .06 .04 .02 .01 .006 .004 4 .002 .001 20 40 60
MCC
Figure 2 Typical Reverse Characteristics
80 Volts
100
120
140
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 12
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 4 Peak Forward Surge Current 150
10 125 8 100 75 Amps 4 25 2 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 25 50 75 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 100 150 175 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 50
6 Amps
2
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MBR760

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X